Part Number Hot Search : 
A4899 ADG3247 N3290A LT3150 108M000 DMA22XX NTE4935 74HC4
Product Description
Full Text Search
 

To Download SK03D2424A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sg02s/d series 2w dc/dc converter, smd-package , high isolation ds_sg02s/d_07192012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 75% ? smd package with industry standard pinout ? ul/en60601-1&en60950-1 safety approval ? isolation voltage 4000 vdc ? operating temperature range ?25c to +80c ? reflow solder temperature up to 245c ? reinforced insulation rated for 300vac working voltage ? lead free, rohs compliant ? 3 years product warranty the sg02s/d series is miniature, smd package, isolated 2w dc/dc converters with 4,000vdc isolation .the sg02s/d series has industrial and medical safety approval. these isolated dc/dc converters are the latest offering from a world leader in powe r systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliab ility under highly stressful operating conditions. model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load load regulation max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) % (max.) uf % sg02s0505a 5 400 8 606 12 66 sg02s0512a 12 165 3 600 10 66 sg02s0515a 15 133 2.5 605 10 330 66 sg02d0512a 12 83 1.5 553 10 72 sg02d0515a 5 (4.5 ~ 5.5) 15 66 1 542 90 10 100* 73 sg02s1205a 5 400 8 253 12 66 sg02s1212a 12 165 3 250 10 66 sg02s1215a 15 133 2.5 252 10 330 66 sg02d1212a 12 83 1.5 224 10 74 sg02d1215a 12 (10.8 ~ 13.2) 15 66 1 220 40 10 100* 75 sg02s2405a 5 400 8 126 12 66 sg02s2412a 12 165 3 125 10 66 sg02s2415a 15 133 2.5 126 10 330 66 sg02d2412a 12 83 1.5 112 10 74 sg02d2415a 24 (21.6 ~ 26.4) 15 66 1 110 30 10 100* 75 * for each output input characteristics parameter model min. typ. max. unit 5v input models 4.5 5 5.5 12v input models 10.8 12 13.2 input voltage range 24v input models 21.6 24 26.4 5v input models -0.7 --- 9 12v input models -0.7 --- 18 input surge voltage (1 sec. max.) 24v input models -0.7 --- 30 vdc reverse polarity input current --- --- 0.3 a input filter internal capacitor internal power dissipation all models --- --- 650 mw
ds_sg02s/d_07192012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p2 output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 2.0 4.0 % output voltage balance dual output, balanced loads --- 0.1 1.0 % line regulation vin=min. to max. --- 1.2 1.5 % load regulation io=20% to 100% see model selection guide ripple & noise (20mhz) --- 100 150 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 200 mv p-p ripple & noise (20mhz) --- --- 15 mv rms temperature coefficient --- 0.01 0.02 %/ short circuit protection 0.5 second max. isolation, safety approvals parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 4000 --- --- vacrms i/o isolation test voltage flash tested for 1 second 6000 --- --- v pk leakage current 240vac, 60hz --- --- 2 ua i/o isolation resistance 500 vdc 10 --- --- g ? i/o isolation capacitance 100khz, 1v --- 15 20 pf cul/ul60950-1, csa c22.2 no. 60950-1-03 ul60601-1,csa c22.2 no.601-1 safety standards iec/en 60950-1, iec/en 60601-1 iec60950-1 cb report, cul/ul 60950-1 certificate safety approvals ul60601-1 ul certificate general characteristics parameter conditions min. typ. max. unit switching frequency 50 80 100 khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 2,000,000 --- --- hours moisture sensitivity level (msl) ipc/jedec j-std-020d level 2 recommended input fuse 5v input models 12v input models 24v input models 1000ma slow-blow type 500ma slow-blow type 200ma slow-blow type environmental characteristics parameter conditions min. max. unit operating temperature range (with derating) ambient -25 +80 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 power derating curve ~ ] ambient temperature 0 20 40 60 80 100 -25 0 20 60 100 110 80 40 400lfm 200lfm 100lfm natural convection
ds_sg02s/d_07192012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p3 notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0-20mhz. 3 these power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 all dc/dc converters should be externally fused at the front end for protection. 5 that ?natural convection? is about 20lfm but is not equal to still air (0 lfm). 6 specifications subject to change without notice. 7 it is not recommended to use water-washing process on smt units. mechancial drawing mechanical dimensions connecting pin patterns ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pins 0.05 (0.002) pin connections physical outline pin single output dual output case size : 24.0x13.7x9.0mm (0.94x0.54x0.35 inches) 1 -vin -vin 7 nc nc case material : non-conductive black plastic (flammability to ul 94v-0 rated) 8 nc common 9 +vout +vout weight : 3.75g 10 -vout -vout 16 +vin +vin nc: no connection 0 ~ 4 0.15 s 9.0 [0.35] 0.25 [0.01] 9.25 0.5 [0.36 0.02] 24.0 [0.94] 13.7 [0.54] 18.1 [0.71] 15.24 [0.6] [0.1] [0.12] 2.54 3.11 1.00 [0.04] 1 78 10 9 16 sseating plane 17.78 [0.70] 1.6 [0.06] 15.24 [0.60] 2.54 [0.10] 2.8 [0.11] 19.3 [0.76]
ds_sg02s/d_07192012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p4 part numbering system s g 02 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice.


▲Up To Search▲   

 
Price & Availability of SK03D2424A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X